Part Number Hot Search : 
27C4000 2EZ30D5 TEGRA 7460D KTA2014F 55000 NCP1207 SC451
Product Description
Full Text Search
 

To Download NPCT50-50W-50R0F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  high power chip resistors, terminations series ppc, npc 50 & 100 ohms general information when mounted on an appropriate heat sink, these chip devices provide high power dissipation in terminations and as balancing resistors in wilkenson power divider networks. laser trimming provides maximum peak and average r.f. power capability. general specifications dc voltage (maximum): e = pr resistive tolerance: 2% standard solderable terminals: electroplated silver over nickel (ppc) gold over nickel alloy (npc) substrate: beryllium oxide ceramic resistive element: thin film and thick film * r cw capacitance c/w power model l t (pf) maximum (maximum) typical prefix w (note 1) (note 1) b typical (note 2) (note 3) power * ppc 100-200a 0.100[2,5] 0.200[5,1] 0.040[1,02] 0.030[0,76] 0.8 0.80 62w 20w * ppc 250-250a 0.250[6,4] 0.250[6,4] 0.040[1,02] 0.050[1,27] 1.2 0.30 170w 40w * ppc 250-375a 0.250[6,4] 0.375[9,53] 0.040[1,02] 0.050[1,27] 3.5 0.15 330w 150w npc 25-50 0.025[0,64] 0.050[1,27] 0.010[0,25] 0.012[0,305] 3.90 12w 3w * npc 50-50 0.050[1,27] 0.050[1,27] 0.010[0,25] 0.012[0,305] 1.90 25w 5w * npc 50-100 0.050[1,27] 0.100[2,5] 0.010[0,25] 0.017[0,43] 0.72 70w 10w npc 75-150 0.075[1,91] 0.150[3,8] 0.010[0,25] 0.020[0,51] 0.29 170w 15w * low cost thick film models available on these sizes. consult factory for specifications. performance specifications notes: 1. the l and t dimensions are for the substrate only and do not include terminal thickness or optional tinning thickness. 2. thermal resistance (r ) is measured in c/w between resistive film and mounting surface. 3. the cw power rating is based on maximum film temperature of +150 c and with maximum heatsink temperature of +100 c. power is based on infinite and ideal heatsink. type w termination style does not have full back plane metallization and typically handles less power. typical model no. npc t 25-50 x 50 g prefix tinning (if required) size terminal type (x, w or g) ohmic value ( note1 ) note:(1) resistance value is expressed using military 4-digit call-out. 50r0 = 50 ohms 1000 = 100 ohms other values from 10 500 ohms available as special order. contact factory for availabilty. 50r0 or 1000 typical model no. ppc or npc x top view w b t l b type x b t l b type g 50 ohms or 100 ohms 50 ohms only 50 ohms or 100 ohms b t l b type w 0.005 [0,13] max tolerance key f = 1% g = 2% (standard) j= 5% (see note below) key : inches[millimeters] .xx ?03 .xxx ?010 [.x ?.8 .xx ?.25] 60 south jef ferson road, whippany , nj 07981 s t el: 973-887-8100 s fax: 973-884-0445 e-mail: sales@mcekdi-resistor .com s see us on the web @ www .mcekdi-resistor .com 8 /02


▲Up To Search▲   

 
Price & Availability of NPCT50-50W-50R0F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X